Part Number Hot Search : 
54104 MP7651 RSFAL1 P6KE20 FOD07 PVC4018 BUZ11 87C51
Product Description
Full Text Search
 

To Download 2SD2439 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
2SD2439
DESCRIPTION With TO-3PML package Complement to type 2SB1588 APPLICATIONS Audio ,series regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 160 Collector-base voltage Open emitter Collector-emitter voltage Open base 150 5 Emitter-base voltage Open collector Collector current 10 1 TC=25ae 80 150 -55~150 Base current Collector power dissipation Junction temperature Storage temperature
UNIT V V V A A W ae ae
1
Inchange Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA; IB=0 IC=7 A;IB=7m A IC=7 A;IB=7m A VCB=160V ;IE=0 VEB=5V; IC=0 IC=7A ; VCE=4V IC=2A ; VCE=12V IE=0; VCB=10V;f=1MHz 5000 55 95 MIN 150
2SD2439
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
2.5 3.0 100 100 |I |I
V V A A
MHz pF
Switching times ton ts tf
hFE classifications O 5000-12000 P
TOR NDU ICO E SEM ANG INCH
Turn-on time Storage time 0.5 |I IC=7A;RL=10| IB1=-IB2=7mA VCC=70V 10.0 1.1 Fall time |I
s |I s s
Y 15000-30000
6500-20000
2
Inchange Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD2439
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2439

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X